Part Number Hot Search : 
SMD33PT 4FCT2 D7804 GSIB6A05 CSC3100 T1100 STA1088 B3200
Product Description
Full Text Search
 

To Download BU3616K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Multimedia ICs
3-channel, 8-bit D / A converter
BU3616K
The BU3616K, a CMOS IC, is a high-speed, low-power-consumption 3-channel 8-bit D / A converter. Its internal reference voltage source eliminates the need for an external reference voltage source.
*Applications CD karaoke Video CDs, CD-V, *Features 1) 8-bit resolution.
2) Current output. 3) Low power consumption (typically 75mW). 4) High-speed operation. 5) Internal reference voltage circuit. 6) TTL input.
*Absolute maximum ratings (Ta = 25C)
Parameter Power supply voltage Analog power supply voltage Input voltage Output voltage Storage temperature Power dissipation1 Symbol DVDD AVDD VIN VOUT Tstg PD Limits - 0.5 ~ + 7.0 DVDD - 0.3 ~ DVDD + 0.3 - 0.5 ~ DVDD + 0.5 - 0.5 ~ DVDD + 0.5 - 55 ~ + 125 500 Unit V V V V C mW
1 Reduced by 5.0mW for each increase in Ta of 1C over 25C.
*Recommended operating conditions
Parameter Power supply voltage Analog power supply voltage Transfer clock width Transfer clock width, low level RGB setup time RGB hold time Input voltage, low level Input voltage, high level Operating temperature Symbol DVDD AVDD TCK TCKL TS TH VIL VIH TOPR Min. 4.5 4.5 58.8 15 5 10 -- 2.2 - 10 Typ. 5.0 5.0 -- -- -- -- -- -- -- Max. 5.5 5.5 -- -- -- -- 0.8 -- 70 Unit V V ns ns ns ns V V C Conditions
1
Multimedia ICs
BU3616K
*Block diagram
DGND1 AGND1 DVDD1 11 10 9 8 7 6 5 4 3 2 Iref 1 R1 R2 R3 R4 R5 R6 R7
R0 G7 G6 G5 G4 G3 G2 G1 G0 B7 B6
12 13 14 LATCH 15 16 17 18 19 20 21 22 DECODER
44 43 42 41 CURRENT CELL 40 39 CURRENT CELL 38 37 LATCH CURRENT CELL 36 35 34
OUTR AVDDR AGNDR N.C. OUTG AVDDG AGNDC N.C. OUTB AVDDB AGNDB
Vref
DECODER
23 B5
24 B4
25 B3
26 B2
DECODER
27 DVDD2
28 DGND2
LATCH 29 B1
30 B0
31 CLK
32 AVDD2
33 Vref
*Electrical characteristics (unless otherwise noted, Ta = 25C, DVDD = 5.0V, AVDD = 5.0V, RREF = 6.8k, RL = 470, FCK = 15MHz)
Parameter Current dissipation Differential linearity error Linearity error Full-scale voltage RGB output voltage ratio Output delay time Settling time Symbol ICC ED EL FS FSCR TD TSET Min. -- - 0.5 - 1.0 1.29 0 -- -- Typ. 15 -- -- 1.44 0.5 30 40 Max. 30 0.5 1.0 1.58 5.0 -- -- Unit mA LSB LSB V % ns ns CL = 15pF CL = 15pF DVDD = 5.0V AVDD = 5.0V RREF = 6.8k RL = 470 FCK = 15MHz Conditions
2
Multimedia ICs
BU3616K
*Pin descriptions
Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 I/O -- -- I I I -- -- I I I I I I I I I I I I I I I I I I I -- -- I I I -- O -- -- O -- Pin name Iref AGND 1 R7 R6 R5 DGND1 DVDD1 R4 R3 R2 R1 R0 G7 G6 G5 G4 G3 G2 G1 G0 B7 B6 B5 B4 B3 B2 DVDD2 DGND2 B1 B0 CLK AVDD2 Vref AGNDB AVDDB OUTB N.C. Function Output current adjustment resistor connection, Vref output Analog ground 1 RED data input (bit 7, MSB) RED data input (bit 6) RED data input (bit 5) Digital ground 1 Digital power supply 1 RED data input (bit 4) RED data input (bit 3) RED data input (bit 2) RED data input (bit 1) RED data input (bit 0, LSB) GREEN data input (bit 7, MSB) GREEN data input (bit 6) GREEN data input (bit 5) GREEN data input (bit 4) GREEN data input (bit 3) GREEN data input (bit 2) GREEN data input (bit 1) GREEN data input (bit 0, LSB) BLUE data input (bit 7, MSB) BLUE data input (bit 6) BLUE data input (bit 5) BLUE data input (bit 4) BLUE data input (bit 3) BLUE data input (bit 2) Digital power supply 2 Digital ground 2 BLUE data input (bit 1) BLUE data input (bit 0, LSB) System lock Analog power supply 2 Attached capacitance-adding pin (C = 0.1 F) Analog ground B Analog power supply B BLUE output --
3
Multimedia ICs
Pin No. 38 39 40 41 42 43 44 I/O -- -- O -- -- -- O Pin name AGNDG AVDDG OUTG N.C. AGNDR AVDDR OUTR Analog ground R Analog power supply R RED output Analog ground G Analog power supply G GREEN output -- Function
BU3616K
*Input / output circuits
Pin No. Pin name Equivalent circuit 3~5 8 ~ 26 29 ~ 31 R0 ~ R7, G0 ~ G7 B0 ~ B7, CLK
36, 40, 44
OUTR, OUTG OUTB
33
1, 33
Iref, Vref 1
4
Multimedia ICs
BU3616K
*Application example
RED INPUT 11 10 9 8 7 6 5 4 3 2 1
RREF
12 GREEN INPUT 13 14 LATCH 15 16 17 18 19 20 21 22 DECODER
44 43 42 41 CURRENT CELL 40 39 CURRENT CELL 38 37 LATCH CURRENT CELL 36 35 34 BLUE OUTPUT RL GREEN OUTPUT RL RED OUTPUT RL
Vref
DECODER
23 BLUE INPUT CLK
24
25
26
DECODER
27
28
LATCH 29
30
31
32
33 0.1F
Fig.1
*
External dimensions (Units: mm)
14.0 0.3 10.0 0.2 33 23 14.0 0.3 10.0 0.2 34 22
44 1 11
12
2.15 0.1
0.05
0.8
0.35 0.1
0.15
QFP44
1.2 0.15 0.1
5


▲Up To Search▲   

 
Price & Availability of BU3616K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X